Part Number Hot Search : 
TR3084 99026 TC1240 T1637 B23JP AN7024 ZPY132 AX101
Product Description
Full Text Search
 

To Download 138P150-W-AG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SB106/138P150-W-AG/Al
Schottky Barrier Diode Wafer 106x138 Mils, 150 Volt, 15 Amp
Data Sheet
Features
Oxide Passivated Junction Low Forward Voltage 150 C Junction Operating Low Reverse Leakage Supplied as Wafers Platinum Barrier
1. Solderable Surface Ti/Ni/Ag - Suffix "Ag" 2. Wire Bond Surface Aluminium - Suffix "Al"
Anode
Solderable Surface Ti/Ni/Ag Cathode
Cathode
Symbol
Electrical Characteristics @ 25 C
Maximum Repetitive Reverse Voltage (2) Maximum Forward Voltage (1)(2) Typical Average Forward Rectified Current (2) Reverse Leakage Current (2) Reverse Leakage Current @ 125 C (2) Junction Operating Temperature Range (2) Storage Temperature Range (2)
Symbol Unit
VRRM VF IF(AV) IR IR TJ TSG Volt Volt Amp
SB106/138P150-W-AG/Al (See ordering code below)
150 0.83 15 10 5 -65 to +150 -65 to +150
A mA
C C
(1) Pulse Width tp = < 300S, Duty Cycle <2% (2) The characteristics above assume the die are assembled in indusry standard packages using appropriate attach methods.
Ordering Code SB040P150-W-Ag
Schottky Barrier 40 Mils Pt Barrier 150 Volt Wafer Ti/Ni/Ag
Mechanical Dimensions Wafer Die
Wafer Diameter - 100 mm (4") Wafer Thickness 420 +/- 20 Top (Anode) - Ti/Ni/Ag (Suffix "Ag") or Aluminium (Suffix "Al") Bottom (cathode) Ti/Ni/Ag
99.2 (2.52)
106.0 (2.70)
130.0 (3.32)
138.0 (3.5)
420 +/- 20 m
Third Angle Protection
The information in this datasheet does not form part of any contract, quotation guarantee,warranty or representation, it has been produced in good faith and is believed to be accurate and may be changed without notice at anytime. Liability will not be accepted by Transys Electronics LTD for any consequences whatsoever in its use. This publication does not convey nor imply any license under patent or other intellectual/industrial property rights. The products within this specification are not designed for use in any life support apparatus whatsoever where malfunction can be reasonably expected to cause personal injury or death. Customers using these products in the aforementioned applications do so at their own risk and agree to fully indemnify Transys Electronics LTD for any damage/ legal fees either direct, incidental or consequential from this improper use or sale.
Dimensions in mils (mm) Transys Electronics LTD
Birmingham UK. Email: sales@transyselectronics.com Website: www.transyselectronics.com Tel: + 44 (0) 121 776 6321 Fax: + 44 (0) 121 776 6997
SCD0910-1
Page 1 of 1


▲Up To Search▲   

 
Price & Availability of 138P150-W-AG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X